Part Number Hot Search : 
TP3600 UF1003F 17317 CO55C 1587AT33 SMBJ100 CTZ30A MIW2126
Product Description
Full Text Search
 

To Download UF10011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODELS: UF1001 UF1002 UF1003 UF1004 UF1005 UF1006 UF1007
UF1001 - UF1007
1.0A ULTRA-FAST RECTIFIER
Features
* * * * * * Diffused Junction Ultra-Fast Switching for High Efficiency Low Reverse Leakage Current Surge Overload Rating to 30A Peak IEC 61000-4-2 (ESD - 150pF/330) UF1001 - UF1003: Contact: discharge - 15kV Lead Free Finish, RoHS Compliant (Note 4) DO-41 Dim A B C D Min 25.40 4.06 0.71 2.00 Max -- 5.21 0.864 2.72
Mechanical Data
* * * * * * * Case: DO-41 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Finish - Tin. Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Marking: Type Number Ordering Information: See Page Weight: 0.35 grams (approximate)
All Dimensions in mm
*
Maximum Ratings and Electrical Characteristics @TA = 25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage (Note 5) RMS Reverse Voltage Average Rectified Output Current @ TA = 55C (Note 1) Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave Superimposed on Rated Load Forward Voltage @ IF = 1.0A Peak Reverse Current @ TA = 25C at Rated DC Blocking Voltage (Note 5) @ TA = 100C Reverse Recovery Time (Note 3) Typical Total Capacitance (Note 2) Typical Thermal Resistance Junction to Ambient Operating and Storage Temperature Range
Notes: 1. 2. 3. 4. 5.
Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IRM trr CT RJA Tj, TSTG
UF 1001 50 35
UF 1002 100 70
UF 1003 200 140
UF 1004 400 280 1.0 30
UF 1005 600 420
UF 1006 800 560
UF 1007 1000 700
Unit V V A A
1.0
1.3 5.0 100 50 20 95 -65 to +150
1.7
V A
75 10
ns pF C/W C
Valid provided that leads are maintained at ambient temperature at a distance of 9.5mm from the case. Measured at 1.0MHz and applied reverse voltage of 4.0V DC. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5. RoHS revision 13.2.2003. High temperature solder exemption applied, see EU Directive Annex Note 7. Short duration pulse test used to minimize self-heating effect.
DS25002 Rev. 11 - 2
1 of 3 www.diodes.com
UF1001 - UF1007
(c) Diodes Incorporated
DS25002 Rev. 11 - 2
2 of 3 www.diodes.com
UF1001 - UF1007
(c) Diodes Incorporated
Ordering Information (Note 6)
Device UF1001-A UF1001-B UF1001-T UF1002-A UF1002-B UF1002-T UF1003-A UF1003-B UF1003-T UF1004-A UF1004-B UF1004-T UF1005-A UF1005-B UF1005-T UF1006-A UF1006-B UF1006-T UF1007-A UF1007-B UF1007-T
Notes:
Packaging DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41
Shipping 5K/Ammo Pack 1K/Bulk 5K/Tape & Reel, 13-inch 5K/Ammo Pack 1K/Bulk 5K/Tape & Reel, 13-inch 5K/Ammo Pack 1K/Bulk 5K/Tape & Reel, 13-inch 5K/Ammo Pack 1K/Bulk 5K/Tape & Reel, 13-inch 5K/Ammo Pack 1K/Bulk 5K/Tape & Reel, 13-inch 5K/Ammo Pack 1K/Bulk 5K/Tape & Reel, 13-inch 5K/Ammo Pack 1K/Bulk 5K/Tape & Reel, 13-inch
6. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf.
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS25002 Rev. 11 - 2
3 of 3 www.diodes.com
UF1001 - UF1007
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of UF10011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X